PART |
Description |
Maker |
STR-BS6301 STRS6301 STR-S6301 |
Low Leakage Diodes; Package: PG-SOT23-3; Configuration: Dual; VR (max): 80.0 V; IF (max): 200.0 mA; IR (max): 5.0 nA; trr (max): 1,500.0 ns; SWITCHING REGULATOR HYRRTD lC
|
Sanken Electric Co.,Ltd.
|
PZTA44 PZTA44_4 PZTA44115 |
NPN high-voltage transistor - fT min: 20 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 1350 mW; VCEO max: 400 V; Package: SOT223 (SC-73); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
CY7C342 CY7C342-25 CY7C342-30 CY7C342-35 CY7C342B |
128-Macrocell MAX EPLDs 128宏单元最EPLDs 128-Macrocell MAX EPLDs OT PLD, 40 ns, PQCC68 128-Macrocell MAX EPLDs OT PLD, 25 ns, PQCC68 128-Macrocell MAX EPLDs UV PLD, 40 ns, CQCC68 ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 128-Macrocell MAX® EPLD
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
CXT2907A |
High current (max.600mA), Low voltage (max.60V)
|
TY Semiconductor Co., Ltd
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
HT1260/26OG6 |
2.6kV V[drm] Max., 1260A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
FAN1585A FAN1585AM-1.5 FAN1585AMC-1.5 FAN1585AT-1. |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 From old datasheet system FETs - Nch 500VFETs - Nch 500VFETs - Nch 500V |
FAIRCHILD SEMICONDUCTOR CORP
|
FL75L20A-12 |
Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
|
Delta Electronics, Inc.
|